Part Number Hot Search : 
LNK616PG 32180 SCS520DS MJE13007 IDTQS SGM8522 35559 KC817A
Product Description
Full Text Search
 

To Download MD1210F-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002 thomas & betts corporation. specifications are subject to change without notice. www.tnb.com 55 compression female disconnect male disconnect b e a c d f b e a c motor pigtail connectors motor lead disconnects thomas & betts offers a complete line of motor lead disconnects for 600 volt and 5kv applications. constructed of high conductivity copper with tin-plat- ing, these disconnects achieve quick, r eliable change out of electric motors while eliminating bolting, taping and loose connections. t he motor lead disconnects cover the wire range from #16 through 4/0 awg and meet or exceed the electrical and mechanical performance of bolted connections. the female disconnects are equipped with a beryllium copper interface band to produce dependable connections. features and benefits ?quick connections?liminates nuts, bolts and washers. ?reliable insulation?o more ?iles?of insulating tape. simply slide on the r eusable boot, keeping the total assembly small enough to fit into tight motor housings. ?labor savings?ast snap-together assembly. ?quick disconnect?o knife-cutting of melted tape, therefore no risk of cut- ting wire insulation, less motor down- time, and installer exposure in hostile environments is minimized. motor pigtail connector ?one line to one load (2 wire) cat. no. dimensions (in.) strip female male body color boot length disconnect disconnect wire size size code insulation a b c d e f (in.) md1614f-0 md1614m-0 16-14 awg 0 blue mdboot-0 .25 .25 .63 .52 .25 .125 c" md1614f-1 md1614m-1 16-14 awg 1 blue mdboot-1 .38 .38 .78 .75 .38 .250 c" MD1210F-1 md1210m-1 12-10 awg 1 yellow mdboot-1 .38 .38 .78 .75 .38 .250 c" md1210f-2 md1210m-2 12-10 awg 2 yellow mdboot-2 .50 .50 .90 1.00 .50 .370 c" md8f-1 md8m-1 8 awg 1 red mdboot-1 .38 .38 .82 .75 .38 .250 k" md8f-2 md8m-2 8 awg 2 red mdboot-2 .50 .50 .95 1.00 .50 .370 k" md6f-1 md6m-1 6 awg 1 blue mdboot-1 .38 .38 .88 .75 .38 .250 d" md6f-2 md6m-2 6 awg 2 blue mdboot-2 .50 .50 1.02 1.00 .50 .370 d" md4f-2 md4m-2 4 awg 2 gray mdboot-2 .50 .50 1.06 1.00 .50 .370 d" md2f-2 md2m-2 2 awg 2 brown mdboot-2 .50 .50 1.09 1.00 .50 .370 w" md2f-3 md2m-3 2 awg 3 brown mdboot-3 .88 .88 1.46 1.75 .88 .500 w" md1f-2 md1m-2 1 awg 2 green mdboot-2 .50 .50 1.23 1.00 .50 .370 l" md1f-3 md1m-3 1 awg 3 green mdboot-3 .88 .88 1.56 1.75 .88 .500 l" md10f-3 md10m-3 1/0 awg 3 pink mdboot-3 .88 .88 1.56 1.75 .88 .500 l" md20f-3 md20m-3 2/0 awg 3 black mdboot-3 .88 .88 1.59 1.75 .88 .500 e" md30f-3 md30m-3 3/0 awg 3 orange mdboot-3 .88 .88 1.71 1.75 .88 .500 l" md40f-3 md40m-3 4/0 awg 3 purple mdboot-3 .88 .88 1.81 1.75 .88 .500 f" t ooling: pg. 79-100 die selector chart: pg. 105-109 403030.01ck 3/11/02 3:29 pm page 55
56 2002 thomas & betts corporation. specifications are subject to change without notice. www.tnb.com compression motor pigtail connectors motor pigtail connector ?one line to one load (2 wire) ?(continued) wt112m installing tools cat. no. wt111m tbm5 tbm8 hydraulic tools & female male wt2000 tbm25s tbm6, tbm6s, tbm60rs tbm5s tbm8s tbm50s hand tool disconnect disconnect erg2002 tbm20s upper die lower die die set die set die code color md1614f-0 md1614m-0 x md1614f-1 md1614m-1 x MD1210F-1 md1210m-1 x md1210f-2 md1210m-2 x md8f-1 md8m-1 x 13475 13477 13454 13461 21 red md8f-2 md8m-2 x 13475 13477 13454 13461 21 red md6f-1 md6m-1 x 13475 13477 13454 13461 24 blue md6f-2 md6m-2 x 13475 13477 13454 13461 24 blue md4f-2 md4m-2 x 13472 13476 13454 13461 29 gray md2f-2 md2m-2 x 13474 13477 13454 13461 33 brown md2f-3 md2m-3 x 13474 13477 13454 13461 33 brown md1f-2 md1m-2 13474 13477 13455 13462 37 green md1f-3 md1m-3 13474 13477 13455 13462 37 green md10f-3 md10m-3 13475 13477 13455 13462 42 pink md20f-3 md20m-3 13474 13477 13455 13462 45 black md30f-3 md30m-3 13474 13477 13455 13462 50 orange md40f-3 md40m-3 13475 13477 13456 13463 54 purple specifications: wire range: no. 16 to 4/0 awg rating: 600v, 90? material: high conductivity copper plating: tin insulator: thermoplastic elastomer quick, easy installation 1. choose appropriate color-keyed disconnect for conductor size to be terminated. note color of bands on disconnect barrel. 2. select proper installing die by matching die color to disconnect barrel color bands. 3. install die in t&b tool, insert stripped wire into barrel of disconnect and compress between color bands. repeat for mating half. 4. snap the two halves together and slip on insulator over mated connection. secure insulator with ty-rap cable ties provided with the insulators. material: high conductivity copper plating: tin insulator: thermoplastic elastomer 5kv volt version 600 volt version t ooling: pg. 79-100 die selector chart: pg. 105-109 403030.01ck 3/11/02 3:29 pm page 56


▲Up To Search▲   

 
Price & Availability of MD1210F-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X